ATS-06F-77-C1-R0
AI

The **ATS-06F-77-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc.** It is designed for cooling electronic components, specifically integrated circuits (ICs) and other surface-mount devices.
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance** | 9.28°C/W (at 100 LFM) to 1.47°C/W (at 700 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 25mm x 25mm x 20mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Spring Type** | Stainless Steel (ATS-PPS-06) |
---
### 2. Key Features and Design
* **Fin Configuration:** This model uses a **Straight Fin** design, which is optimized for high-velocity airflow environments (active cooling).
* **Attachment Mechanism:** It utilizes the **pushPIN™** system. This involves a spring-loaded pin that fits through pre-drilled holes in the Printed Circuit Board (PCB), ensuring constant pressure and optimal thermal contact with the component.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T412**, which is a high-performance thermal tape/pad to bridge the gap between the heat sink and the chip.
---
### 3. Electronic Performance Data
The cooling efficiency depends on the Airflow (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 (0.5 m/s) | 9.28 °C/W |
| 300 (1.5 m/s) | 3.14 °C/W |
| 500 (2.5 m/s) | 2.00 °C/W |
| 700 (3.5 m/s) | 1.47 °C/W |
---
### 4. Applications
This heat sink is typically found in:
1. **Networking Hardware:** Switches, routers, and gateways.
2. **Embedded Systems:** High-speed processors and FPGAs.
3. **Power Supplies:** Cooling voltage regulators and power MOSFETs.
4. **Telecommunications:** Base station equipment where airflow is managed.
- ⤷
How does the 'Blue Anodized' finish impact thermal performance?
- ⤷ What is the difference between plastic and brass push-pins for this model?
- ⤷ How do I calculate the required airflow for this heat sink in my specific design?