ATS-06F-78-C2-R0
AI

The **ATS-06F-78-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue Anodized" push-pin heat sink series, designed for cooling electronic components such as CPUs, GPUs, and power modules.
---
## 1. Technical Specifications
The following table details the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-06F-78-C2-R0 |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Dimensions** | 25mm x 25mm x 25mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
## 2. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic system is critical for stability and longevity:
* **Thermal Management:** It increases the surface area of a semiconductor package, allowing heat to be dissipated into the surrounding air more efficiently.
* **Overheat Protection:** By maintaining the junction temperature ($T_j$) below the manufacturer's limit, it prevents thermal throttling or permanent damage to the chip.
* **Thermal Interface Material (TIM):** The "C2" in the part number indicates it comes with **T766** phase-change material, which fills microscopic air gaps between the component and the heat sink to reduce thermal resistance.
---
## 3. Attachment Mechanism
This specific model uses a **Push-Pin and Spring** system. This is preferred in electronic assembly for several reasons:
1. **Consistent Pressure:** The springs ensure a uniform downward force on the chip, optimizing thermal contact.
2. **Ease of Assembly:** It allows for quick installation on a PCB with pre-drilled holes, reducing labor time.
3. **Vibration Resistance:** Unlike adhesive tapes, push-pins hold the heat sink securely even in high-vibration environments.
---
## 4. Thermal Performance Data
*Approximate performance based on airflow (LFM - Linear Feet per Minute):*
| Airflow Rate (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Unducted (200 LFM)** | ~7.75 °C/W |
| **Ducted (400 LFM)** | ~4.80 °C/W |
| **Ducted (600 LFM)** | ~3.70 °C/W |
- ⤷
What are the PCB hole diameter requirements for this push-pin model?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used for natural convection (no fan) applications?