ATS-06F-83-C1-R0
AI

The **ATS-06F-83-C1-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" heat sink series, designed for high-performance thermal management in compact electronic assemblies.
---
### 1. Component Specification Table
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-06F-83-C1-R0 |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 1.58 °C/W (@ 100 LFM) |
| **Dimensions** | 30mm x 30mm x 20mm |
---
### 2. Physical Design Details
The ATS-06F-83-C1-R0 is engineered to transfer heat away from high-power components like CPUs, GPUs, or power transistors.
* **Footprint (30mm x 30mm):** A compact square base suitable for medium-sized integrated circuits (ICs).
* **Height (20mm):** A mid-profile height that balances surface area for cooling with vertical space constraints in an enclosure.
* **Fin Configuration:** It features a **Straight Fin** design. These are optimized for "forced air" environments where a fan provides a consistent, directional flow of air through the fins.
* **Material:** Made from **Aluminum 6063**, which offers a high strength-to-weight ratio and excellent thermal conductivity.
---
### 3. Mechanical Attachment: The pushPIN™ System
One of the defining "parts" of this assembly is the mounting hardware:
1. **Brass Pins:** High-durability pins that go through pre-drilled holes in the PCB.
2. **Stainless Steel Springs:** These provide a precise **"Compression Force"** (calculated to ensure maximum contact between the heat sink and the chip without cracking the silicon or the PCB).
3. **Flexible Attachment:** This system allows for easy installation and removal compared to permanent adhesives or thermal tapes.
---
### 4. Thermal Performance Data
Thermal resistance indicates how efficiently the part moves heat. Lower numbers are better.
| Airflow Velocity | 100 LFM | 200 LFM | 300 LFM | 400 LFM | 500 LFM |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 1.58 | 1.01 | 0.84 | 0.74 | 0.68 |
---
### 5. Application Usage
This part is typically found in:
* **Telecommunications:** Cooling high-speed data processors.
* **Embedded Systems:** For industrial computers where reliability is critical.
* **Power Electronics:** Dissipating heat from voltage regulators or motor drivers.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?