ATS-06G-101-C3-R0
AI

The **ATS-06G-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Key Specifications
The following table summarizes the technical characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Fin Style** | Straight Fin |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.77°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Finish** | Blue Anodized |
| **Interface Material** | T412 (Phase-change material) |
---
### 2. Electronic & Mechanical Features
#### A. pushPIN™ Attachment System
This part uses a patented **pushPIN™** system. In electronic PCB design, this ensures a secure, reliable connection to the board without requiring high-stress manual pressure. It provides:
* Pre-assembled springs for precise pressure.
* Plastic or brass pins for different board thicknesses.
#### B. Thermal Performance
Thermal resistance is critical in electronics. A lower value (measured in °C/W) means the heat sink is more efficient at moving heat away from the silicon die.
* **Active Cooling:** When paired with airflow, the efficiency increases significantly (dropping to ~1.70°C/W at 800 LFM).
* **T412 Thermal Interface Material (TIM):** This is pre-applied to the base. It fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
#### C. Straight Fin Design
The straight fin geometry is optimized for **unidirectional airflow**. In a standard server or industrial PC chassis, this design allows air to flow through the fins with minimal pressure drop.
---
### 3. Applications
This specific heat sink is commonly used for:
1. **Network Switches/Routers:** Cooling ASICs and processors.
2. **Industrial PCs:** Ensuring stability in harsh thermal environments.
3. **Power Supplies:** Dissipating heat from MOSFETs and voltage regulators.
---
- ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How does the T412 interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?