ATS-06G-102-C2-R0
AI

The **ATS-06G-102-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 1.83°C/W (at 200 LFM) |
| **Pressure Spring** | Stainless Steel |
---
### 2. Electronic/Mechanical Functionality
The electronic relevance of this part lies in its ability to prevent **Thermal Throttling** and **Component Failure**.
* **Heat Dissipation:** It increases the surface area of a semiconductor package, allowing heat to transfer more efficiently into the surrounding air.
* **Thermal Interface Material (TIM):** This model typically comes with **T766** pre-applied thermal phase-change material on the base, ensuring there are no air gaps between the chip and the heat sink.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, the push-pin mechanism provides consistent pressure against the electronic chip, which is critical for maintaining a stable thermal path during vibration or thermal expansion.
---
### 3. Key Components
1. **The Fin Array:** The 25mm height and straight fin design are optimized for "forced air" environments (where a fan is present).
2. **The Base:** A flat, 45mm x 45mm surface that makes direct contact with the electronic component.
3. **The Fastener:** Uses a plastic push-pin with a specific spring rate to ensure the heat sink does not crush the delicate silicon die but stays firmly attached to the PCB.
---
### 4. Application Use-Case
* **Embedded Systems:** Used on ARM or x86 processors in industrial PCs.
* **Power Electronics:** Cooling MOSFET or IGBT modules.
* **Networking:** Cooling ASICs inside routers and switches.
- ⤷
What are the benefits of the 'Blue Anodized' finish compared to raw aluminum?
- ⤷ How do I determine if 1.83°C/W thermal resistance is sufficient for my processor?
- ⤷ What are the standard hole patterns required on a PCB for the ATS push-pin system?