ATS-06G-124-C2-R0
AI

The **ATS-06G-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 3.18°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions** | 50mm x 50mm x 25mm |
| **Fin Type** | Fine Pitch (Straight Fin) |
---
### 2. Key Component Breakdown
#### A. The Fin Geometry
This model utilizes a **straight-fin design**. This is ideal for systems where the airflow direction is predictable. The vertical fins increase the surface area, allowing heat to transfer from the metal to the surrounding air more efficiently.
#### B. The pushPIN™ Attachment System
The "C2" in the part number signifies the attachment hardware. It uses a flexible, spring-loaded push-pin mechanism:
* **Ease of Assembly:** Can be installed manually or via automated equipment.
* **Constant Pressure:** The springs ensure that the heat sink maintains a consistent, high-pressure contact with the component, which is vital for thermal conductivity.
* **Hole Pattern:** This specific part is designed for a **43mm x 43mm** hole pattern on the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" designation indicates that the part typically comes with a **Pre-applied Thermal Interface Material**. This is a layer of high-performance thermal grease or a pad on the base of the heat sink, eliminating the need for the user to apply their own paste and ensuring zero air gaps between the chip and the sink.
---
### 3. Usage Context
This part is commonly found in:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial PCs:** Computers running in high-temperature environments.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
### 4. Part Number Decoder
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **06** | Part of the pushPIN series |
| **124** | Specific internal dimensions/fin count |
| **C2** | Hardware type (Push-pin/Spring) |
| **R0** | Finish/TIM (Blue Anodized / Pre-applied TIM) |
- ⤷
What is the maximum thermal resistance of this heat sink at low airflow?
- ⤷ How does the push-pin mounting compare to adhesive-based heat sinks?
- ⤷ Are there alternative fin materials like copper available for this footprint?