Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06G-148-C2-R0

  • AI
    The **ATS-06G-148-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat-generating integrated circuits. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific model: | Property | Description | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 8.70°C/W (at 200 LFM) | | **Pressure Drop** | 0.15 in. $H_2O$ | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Physical Dimensions Precision measurements are critical for PCB clearance and component fitment: * **Length:** 35.00 mm * **Width:** 35.00 mm * **Height:** 15.00 mm * **Fin Style:** Straight Fin (optimized for airflow) --- ### 3. Key Electronic Design Features #### A. Thermal Management The "C2" in the part number indicates the material/finish type (Blue Anodized Aluminum), which provides excellent corrosion resistance and enhanced emissivity for radiative cooling. The heat sink is designed to dissipate heat from surface-mount components to prevent thermal throttling or hardware failure. #### B. Mechanical Mounting (Push-Pin) Unlike adhesive-based heat sinks, the **ATS-06G-148-C2-R0** uses a mechanical push-pin system. This offers several advantages: * **Constant Pressure:** The compression springs ensure a consistent 360-degree pressure on the component, maximizing heat transfer. * **Reliability:** Mechanical fasteners are more durable than thermal tape in high-vibration environments. * **Serviceability:** Can be removed and reinstalled more easily than bonded units. #### C. Airflow Optimization The straight-fin design is intended for systems with a dedicated fan or forced convection. The low-profile height (15mm) makes it ideal for 1U servers or compact embedded systems where vertical space is limited. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variations: * **ATS:** Advanced Thermal Solutions (Manufacturer) * **06G:** Product Series * **148:** Specific geometric/thermal profile * **C2:** Blue Anodized Aluminum * **R0:** Revision/Standard packaging code
    ✨ Follow-up Questions
    • ⤷What is the difference between push-pin and adhesive mounting for this heat sink?
    • ⤷ Can this heat sink be used for passive cooling without a fan?
    • ⤷ How does the T766 thermal interface material perform compared to thermal paste?