ATS-06G-154-C2-R0
AI

The **ATS-06G-154-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed specifically for cooling electronic components like CPUs, GPUs, and other high-heat-generating ICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body) / Copper (optional base variations) |
| **Finish** | Blue Anodized |
| **Dimension A (Length)** | 40.00 mm |
| **Dimension B (Width)** | 40.00 mm |
| **Dimension C (Height)** | 25.00 mm |
| **Fin Pitch** | Fine-Pitch |
| **Fin Type** | Straight |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Key Electronic & Thermal Components
The part is more than just a piece of metal; it is a thermal management system composed of three main parts:
#### A. The Fin Array
* **Design:** Uses a high-density fin structure to increase the surface area.
* **Thermal Performance:** It is designed for **forced air** environments (where a fan is present). In a typical 200 LFM (Linear Feet per Minute) airflow, it offers a thermal resistance of approximately **2.20 °C/W**.
#### B. The PushPIN™ Attachment
* **Mechanism:** Instead of using messy adhesives or tapes, this part uses a mechanical push-pin with a built-in spring.
* **Benefits:** It ensures constant, even pressure on the electronic chip, which optimizes the interface between the heat source and the sink.
#### C. Thermal Interface Material (TIM)
* **Pre-applied:** The "C2" in the part number indicates it comes with **T766** thermal phase change material.
* **Function:** This fills the microscopic air gaps between the chip and the heat sink to ensure maximum heat transfer.
---
### 3. Application Use Cases
This specific heat sink size (40x40mm) is commonly used in:
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Cooling MOSFETs or power modules.
---
- ⤷
What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?
- ⤷ What is the recommended hole diameter for the push-pin installation?