ATS-06G-174-C2-R0
AI

The **ATS-06G-174-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount devices (SMDs).
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Below are the primary technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 4.02°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 35mm |
| **Fin Pattern** | Fine Pitch (Cross-cut) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Design Features
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system.
* **Brass Components:** The pins are often brass with a stainless steel spring.
* **Compression:** It provides precise pressure to ensure maximum contact between the chip and the heat sink, which is critical for high-vibration environments.
#### B. Cross-Cut Fin Design
The electronic part features a **rectangular fin array**. This design allows for:
* **Omnidirectional Airflow:** Heat can be dissipated regardless of the direction of the fan's air current.
* **Increased Surface Area:** The "cross-cut" increases the surface area-to-volume ratio, making it more efficient than standard extruded heat sinks.
#### C. Thermal Interface Material (T766)
This part comes with **T766 TIM** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the electronic component (CPU/GPU/FPGA) and the aluminum base.
* **Conductivity:** It is a high-performance phase-change material that ensures minimal thermal impedance.
---
### 3. Application Use Cases
This specific heat sink is typically found in the following electronic systems:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and power modules that generate significant heat in a small footprint (30mm x 30mm).
---
- ⤷
What are the advantages of blue anodized finishes in thermal management?
- ⤷ How does the 4.02°C/W thermal resistance rating change with higher airflow (LFM)?
- ⤷ Is the pushPIN attachment compatible with standard PCB hole patterns?