ATS-06G-192-C2-R0
AI

The **ATS-06G-192-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-06G-192-C2-R0 |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Attachment Type** | Push-pin (with Compression Springs) |
| **Thermal Resistance** | 2.35°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Electronic & Mechanical Components
#### 1. Heat Sink Body (Thermal Dissipation)
The main body is made of **aluminum**, which provides a high thermal conductivity-to-weight ratio. The "Blue Anodized" finish isn't just aesthetic; it provides:
* **Corrosion Resistance:** Protects the aluminum from oxidation.
* **Improved Emissivity:** Enhances radiant heat transfer.
#### 2. Push-pin Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **push-pin and spring mechanism**:
* **Precision Pressure:** The springs ensure consistent pressure between the heat sink and the electronic component, which is critical for minimizing thermal contact resistance.
* **Reliability:** Mechanical mounting is less likely to fail over time due to heat cycles compared to some thermal tapes.
#### 3. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Purpose:** This material fills microscopic air gaps between the heat sink and the electronic chip (IC).
* **Performance:** It ensures maximum heat transfer efficiency from the silicon die to the aluminum fins.
#### 4. Fin Design
The "192" in the part number refers to the specific fin density and geometry. High-density fins increase the surface area available for air-cooling, allowing for better heat dissipation in systems with forced airflow (fans).
---
### Application Use Cases
* **Embedded Systems:** Cooling high-speed processors.
* **Telecommunications:** Cooling ASICs in networking hardware.
* **Industrial Controls:** Preventing thermal throttling in power management modules.
- ⤷
What is the significance of the 2.35°C/W thermal resistance rating?
- ⤷ How do I choose the correct hole pattern for the push-pin mounting?
- ⤷ Can the T766 thermal material be replaced with aftermarket thermal paste?