ATS-06G-20-C2-R0
AI

The **ATS-06G-20-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "push pin" attachment series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number provides specific data regarding its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push Pin |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 7.14°C/W (at 200 LFM) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Attachment Method** | Push Pin with Brass Spring |
---
### 2. Physical Design & Construction
* **Straight Fin Geometry:** The fins are arranged in a parallel line configuration. This is ideal for systems with directed airflow (forced convection), as it allows air to pass through the length of the sink with minimal pressure drop.
* **Blue Anodized Finish:** The surface treatment is not just for aesthetics; anodizing increases the surface emissivity, slightly improving radiation heat transfer and protecting the aluminum from corrosion.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance phase-change material that ensures air gaps between the component and the heat sink are filled for maximum heat transfer.
---
### 3. Attachment Mechanism: The Push Pin
The "R0" designation refers to the attachment kit. This system uses a **Plastic Push Pin** and a **Brass Spring**:
1. **Pressure:** The spring provides a consistent, high-tension downward force to ensure the base of the heat sink stays in contact with the electronic chip.
2. **Ease of Assembly:** It is designed for quick installation into pre-drilled holes on a Printed Circuit Board (PCB).
3. **Mechanical Stability:** Unlike adhesive tapes, push pins provide a mechanical lock that is resistant to vibration and thermal expansion/contraction.
---
### 4. Typical Applications
This heat sink is commonly found in:
* **Telecommunications:** Cooling of high-speed network switches.
* **Industrial PC (IPC):** Managing heat in embedded processors.
* **Power Supplies:** Heat dissipation for MOSFETs and Voltage Regulators.
- ⤷
What is the thermal resistance of this heat sink at different airflow speeds?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What are the PCB hole diameter requirements for the push-pin attachment?