AI

The **ATS-06G-47-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series and is designed specifically for thermal management in electronic components like CPUs, GPUs, and high-power chipsets.
---
### 1. Technical Specifications
The part number provides specific details about the dimensions, material, and thermal performance.
| Specification | Details |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 20mm |
| **Fin Pattern** | Straight Fin |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 9.30°C/W (Unducted) to 1.33°C/W (Ducted @ 700 LFM) |
---
### 2. Component Breakdown
The assembly of the ATS-06G-47-C2-R0 consists of several key electronic cooling elements:
#### A. The Heat Sink (Thermal Mass)
* **Straight Fin Design:** The fins are arranged in a parallel, straight configuration. This is ideal for systems where the airflow direction is predictable and unidirectional.
* **Material (AL6063):** This aluminum alloy is preferred for its high thermal conductivity and lightweight properties, making it efficient at pulling heat away from the silicon die.
#### B. The PushPIN™ Attachment
* **Mechanical Stability:** Instead of using adhesive tape, this part uses a mechanical push-pin system. This ensures consistent pressure between the heat sink and the electronic component, which is critical for maximizing thermal transfer.
* **Spring-Loaded:** The springs allow for thermal expansion and contraction without damaging the PCB or the chip package.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied T412:** This specific model comes with **T412** thermal interface material pre-applied to the base. This fills microscopic air gaps between the component and the heat sink, significantly lowering thermal resistance.
---
### 3. Application & Compatibility
This part is commonly used in industrial and telecommunications hardware.
* **PCB Hole Pattern:** Designed for a standard **38mm x 38mm** hole pitch.
* **Electronic Compatibility:** Best suited for high-density power electronics, BGA (Ball Grid Array) packages, and FPGA (Field Programmable Gate Arrays).
---
### 4. Cooling Performance (LFM)
Thermal resistance varies based on the Linear Feet per Minute (LFM) of airflow provided by system fans:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 9.30 |
| 300 | 2.50 |
| 500 | 1.60 |
| 700 | 1.33 |
---
- ⤷
What are the advantages of using push-pins over thermal adhesive tape?
- ⤷ Can this heat sink be used on a component smaller than 45x45mm?
- ⤷ What are the specific chemical properties of the T412 thermal interface material?