ATS-06G-55-C2-R0
AI

The **ATS-06G-55-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-density electronic cooling.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal specifications for this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 23.98 °C/W (at 1.0 m/s flow) |
| **Compliance** | RoHS and REACH compliant |
---
### 2. Design and Functional Features
#### A. pushPIN™ Attachment System
The "R0" at the end of the part number indicates the use of the **pushPIN™** attachment mechanism. This system provides:
- **Consistent Pressure:** Pre-assembled springs ensure constant pressure on the electronic component (CPU/GPU), optimizing heat transfer.
- **Easy Installation:** Can be mounted into pre-drilled holes in the PCB without complex tools.
- **Hardware Variety:** Available in different spring tensions and pin materials (plastic/brass).
#### B. Material and Coating
- **Aluminum AL6063:** Chosen for its excellent thermal conductivity and lightweight properties.
- **Blue Anodizing:** This is not just for aesthetics; the anodized layer increases surface emissivity, slightly improving radiation heat transfer, and provides corrosion resistance.
#### C. Thermal Performance (Flow Dependent)
Thermal resistance varies significantly based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | 200 (1.0 m/s) | 400 (2.0 m/s) | 600 (3.0 m/s) |
| :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 23.98 | 6.31 | 3.56 |
---
### 3. Application Use Cases
The **ATS-06G-55-C2-R0** is typically used in space-constrained environments where high-efficiency cooling is required for surface-mount components:
- **Telecommunications:** Routers, switches, and base stations.
- **Embedded Computing:** Industrial PC boards and single-board computers (SBCs).
- **Power Supplies:** Cooling MOSFETs or power regulators.
---
### 4. Part Number Breakdown
- **ATS:** Advanced Thermal Solutions (Manufacturer).
- **06:** Series/Category identifier.
- **G:** Material/Fin type indicator.
- **55:** Specific footprint/size code.
- **C2:** Thermal Interface Material (TIM) type (typically indicates a pre-applied high-performance pad).
- **R0:** Revision and attachment type.
- ⤷
What are the compatible hole patterns on a PCB for the pushPIN attachment?
- ⤷ How does the 'C2' thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in natural convection environments without fans?