ATS-06G-58-C2-R0
AI

The **ATS-06G-58-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the thermal management category, specifically a high-performance heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the device:
| Property | Description |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 10.11 °C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Weight** | ~45 Grams |
---
## 2. Key Design Features
### Thermal Performance
The "58" in the part number corresponds to a specific fin pattern designed for optimized airflow. The thermal resistance drops significantly as airflow (LFM - Linear Feet per Minute) increases:
* **At 100 LFM:** 10.11 °C/W
* **At 500 LFM:** 3.47 °C/W
### Push-Pin Attachment Mechanism
The **pushPIN™** system is a hardware-based mounting solution. It uses a flexible spring-loaded pin that snaps into pre-drilled holes on the PCB.
* **Reliability:** Provides consistent pressure for optimal thermal interface material (TIM) performance.
* **Ease of Use:** Allows for quick installation without specialized tools.
### Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** Protects the aluminum from corrosion and slightly improves radiant heat transfer.
---
## 3. Application Use Cases
This part is typically used in environments where heat dissipation is critical for electronic longevity:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but cooling is vital.
3. **Power Electronics:** Dissipating heat from VRMs or MOSFETs.
---
## 4. Hardware Compatibility
The following table outlines the mounting requirements:
| Feature | Specification |
| :--- | :--- |
| **Hole Pattern** | 33mm x 33mm (Square) |
| **Spring Type** | ATS-PPS-06 (Standard) |
| **Thermal Interface** | Pre-applied T766 Phase Change Material |
- ⤷
What are the alternative attachment methods for ATS heat sinks if push-pins are not suitable?
- ⤷ How does the 'C2' designation in the part number affect the pricing or material grade?
- ⤷ Can this heat sink be used with a custom fan shroud for improved LFM?