Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06G-62-C2-R0

  • AI
    The **ATS-06G-62-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). --- ### 1. Technical Specifications The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and material properties. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Part Series** | pushPIN™ HS | | **Fin Type** | Straight Fin (designed for high airflow) | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W)** | 45mm x 45mm | | **Height** | 15mm | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Thermal Interface** | T766 (Pre-applied thermal grease) | --- ### 2. Design and Component Breakdown #### A. Fin Profile (Straight Fin) The "Straight Fin" design is optimized for environments with a steady directional airflow. This configuration minimizes pressure drop while maximizing the surface area available for heat dissipation. #### B. The pushPIN™ Attachment System Unlike adhesive-based heat sinks, the **R0** suffix indicates a push-pin attachment mechanism. - **Spring Loading:** It utilizes a high-performance compression spring to provide uniform pressure across the component. - **Stability:** This ensures the heat sink stays flush against the heat source (CPU/GPU/FPGA) even during vibration or shipping. #### C. Material and Coating - **Aluminum 6063:** Chosen for its excellent thermal conductivity-to-weight ratio. - **Blue Anodized Finish:** Not only provides an aesthetic look but also offers corrosion resistance and slightly improves radiative cooling. --- ### 3. Thermal Performance Indicators Thermal resistance is the measure of how well the part moves heat away from the electronics. * **Thermal Resistance (Unducted):** Higher resistance; occurs when air is not forced directly through the fins. * **Thermal Resistance (Ducted):** Lower resistance; occurs when airflow is constrained to pass through the fin channels, significantly increasing cooling efficiency. --- ### 4. Common Applications This specific size (45mm) is frequently found in: * **Telecommunications:** Cooling of high-speed network switches. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Supplies:** Cooling MOSFETs or power conversion modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between push-pin and thermal tape mounting for this part?
    • ⤷ How do I calculate the thermal resistance for a specific CFM airflow?
    • ⤷ Are there taller versions of this heat sink available for higher heat loads?