ATS-06G-66-C2-R0
AI

The **ATS-06G-66-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
### 1. Technical Specifications
This part is designed for high-density electronic cooling, typically used on BGAs (Ball Grid Arrays) and other surface-mount components.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 0.82°C/W (at 200 LFM) |
---
### 2. Key Component Features
#### A. The pushPIN™ Attachment System
The "R0" suffix denotes the use of the ATS **pushPIN™** system. This is a crucial mechanical feature for electronic parts:
* **Compression Springs:** Provides precise pressure to improve thermal interface material (TIM) performance.
* **Ease of Install:** No tools are required for mounting, reducing the risk of damaging delicate PCBs.
#### B. Thermal Performance
The part uses a **high-aspect-ratio fin design**. This maximizes the surface area within a small footprint (45mm x 45mm), allowing it to dissipate heat from high-power processors or ASICs effectively.
#### C. Material and Coating
* **Aluminum:** Chosen for its balance between thermal conductivity and weight.
* **Blue Anodizing:** Aside from aesthetics, the anodized layer provides electrical insulation and corrosion resistance, preventing short circuits if the heat sink accidentally touches nearby components.
---
### 3. Common Applications
In the electronics industry, this specific heat sink is often found in:
1. **Telecommunications:** Cooling high-speed networking chips.
2. **Embedded Systems:** Industrial PCs where airflow is constrained.
3. **Power Electronics:** Dissipating heat from voltage regulators and power modules.
---
### 4. Thermal Resistance Data
The efficiency of this part varies based on the airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 1.15 |
| 200 | 1.0 | 0.82 |
| 400 | 2.0 | 0.60 |
---
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for the ATS-06G series?
- ⤷ How do I calculate the required LFM for my specific processor's TDP?