AI

The **ATS-06G-68-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to maximize heat dissipation for high-power electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 15.31°C/W (Natural Flow) |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic & Physical Parts
#### A. The Heat Sink Body (Fins & Base)
* **maxiFLOW™ Design:** This part features a unique "flared" fin geometry. Unlike traditional straight-fin heat sinks, these fins spread outward, increasing the surface area and allowing better airflow through the sink.
* **Blue Anodization:** The surface treatment is not just for aesthetics; it provides a protective oxide layer that improves radiation heat transfer and prevents corrosion of the aluminum.
#### B. pushPIN™ Attachment System
This is the mechanical interface that connects the heat sink to the Printed Circuit Board (PCB).
* **Compression Springs:** These ensure constant, uniform pressure across the electronic component (die), which is critical for maximizing thermal contact.
* **Plastic/Brass Pins:** These lock into pre-drilled holes in the PCB, providing a secure mount that is more reliable than adhesive tapes under high-vibration conditions.
#### C. Thermal Interface Material (TIM) - T766
* Located on the bottom base of the heat sink, this is a thin layer of conductive material (T766).
* **Function:** It fills microscopic air gaps between the electronic component’s surface and the heat sink base, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This part is typically used in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Systems:** Industrial PCs or controllers where space is limited but heat generation is high.
3. **Power Electronics:** Managing heat for Voltage Regulator Modules (VRMs).
---
- ⤷
What are the advantages of the pushPIN attachment over adhesive thermal tape?
- ⤷ How does the 'flared fin' design compare to standard straight fin heat sinks?
- ⤷ Is the T766 thermal interface material replaceable if the heat sink is moved?