ATS-06G-80-C2-R0
AI

The **ATS-06G-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to maximize airflow and heat dissipation in constrained electronic environments.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Product Series** | maxiFLOW™ |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Thermal Resistance** | 7.03°C/W (at 200 LFM) |
| **Finish** | Blue Anodized |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Key Features and Components
#### A. The maxiFLOW™ Design
The heat sink features a unique **flared fin structure**. Unlike standard straight fins, these fins expand outward. This design:
* Reduces pressure drop across the heat sink.
* Increases the effective surface area for heat exchange.
* Optimizes airflow from cooling fans.
#### B. pushPIN™ Attachment System
The "R0" suffix indicates the inclusion of the **pushPIN™** mounting system. This consists of:
* **Brass or Plastic Pins:** Designed to fit into pre-drilled holes on the PCB.
* **Compression Springs:** Provide precise, consistent pressure (clamping force) onto the electronic component (CPU, GPU, or ASIC). This ensures optimal contact with the Thermal Interface Material (TIM).
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a high-performance thermal grease/pad that fills microscopic air gaps between the component and the heat sink, significantly lowering thermal resistance.
---
### 3. Application Use Cases
This part is typically used in the following electronic assemblies:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Cooling MOSFETs or small power modules.
4. **Network Storage:** NAS devices where airflow might be restricted.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **06:** Series Identifier
* **G:** Fin Geometry/Pitch
* **80:** Specific Dimension/Height Code
* **C2:** Material/Finish (Blue Anodized)
* **R0:** Revision/Mounting Kit type
- ⤷
What is the significance of the 7.03°C/W thermal resistance rating in actual operation?
- ⤷ Can the pushPIN™ system be used on a PCB without pre-drilled holes?
- ⤷ How does the Blue Anodized finish affect the thermal performance compared to raw aluminum?