ATS-06G-82-C2-R0
AI

The **ATS-06G-82-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The part number encodes specific data regarding its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 10.79°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 25mm |
| **Fin Pattern** | Straight Fin |
---
### 2. Key Electronic Functions
While the heat sink itself is passive, its electronic "parts" or features are critical for system stability:
* **Thermal Interface Material (TIM):** This part comes pre-applied with **T766 phase-change material**. Its job is to fill microscopic air gaps between the electronic component (die) and the heat sink base to maximize heat transfer.
* **Mechanical Attachment:** It utilizes a **Push-pin and Brass Spring** mechanism. This ensures a consistent, calculated downward force (pressure) on the electronic chip, which prevents the sink from shifting during vibration or thermal expansion.
* **Heat Dissipation:** The straight fin design is optimized for **forced air cooling** (active airflow from a fan). By increasing the surface area of the electronic assembly, it prevents "Thermal Throttling" or hardware failure due to overheating.
---
### 3. Application Use-Cases
This specific heat sink is typically found in the following electronic environments:
1. **Telecommunications:** Cooling small processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but height (25mm) is available.
3. **Power Supplies:** Cooling voltage regulators or MOSFETs that generate significant heat in a 30x30mm footprint.
---
- ⤷
What is the difference between this heat sink and a cross-cut fin design?
- ⤷ How do I calculate if the 10.79°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if push-pins are not supported by my PCB?