ATS-06G-84-C2-R0
AI

The part number **ATS-06G-84-C2-R0** refers to a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). This component is part of their "push pin" attachment series, designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number itself follows a specific nomenclature that defines its physical and thermal characteristics.
| Specification | Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | Approx. 7.00°C/W (at 100 LFM) |
| **Dimensions** | 30mm x 30mm x 25mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design Features
This heat sink is engineered for specific airflow environments and mounting security:
* **Straight Fin Design:** Optimized for "longitudinal" airflow. The fins are aligned to allow air to pass straight through, making it ideal for systems with clear intake-to-exhaust paths.
* **Push-Pin Mounting:** Unlike adhesive tapes, the push-pin mechanism uses a pre-drilled hole in the PCB and a spring-loaded pin. This provides:
* **Consistent Pressure:** Ensures the thermal interface material (TIM) is compressed evenly.
* **Reliability:** Better vibration resistance compared to clip-on or adhesive mounts.
* **Material (Aluminum):** Provides a balance between thermal conductivity and lightweight construction, preventing excessive mechanical stress on the PCB.
---
### 3. Thermal Performance Profile
The efficiency of the **ATS-06G-84-C2-R0** depends heavily on the velocity of the air moving through the system (measured in Linear Feet per Minute - LFM).
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Natural/Low)** | 7.00 |
| **200 (Medium)** | 3.42 |
| **300 (High)** | 2.62 |
| **400 (Ultra)** | 2.21 |
---
### 4. Implementation Details
When using this part in a design, engineers must consider the following:
* **Thermal Interface Material (TIM):** This part usually comes with **T766** (a high-performance thermal phase change material) or similar pre-applied to the base.
* **Hole Pattern:** The PCB must have specific hole diameters and spacing to accommodate the push pins.
* **Clearance:** The 25mm height must be checked against the enclosure dimensions to ensure there is no mechanical interference.
- ⤷
What are the specific PCB hole dimensions required for the ATS push-pin mounting?
- ⤷ How does blue anodizing affect the thermal emissivity of this heat sink?
- ⤷ Can this heat sink be used with a custom fan attachment?