ATS-06G-91-C3-R0
AI

The **ATS-06G-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | Leading provider of thermal management solutions. |
| **Material** | Aluminum | High thermal conductivity and lightweight. |
| **Finish** | Blue Anodized | Protects against corrosion and improves emissivity. |
| **Attachment** | push-PIN™ | Spring-loaded pins for secure mounting to a PCB. |
| **Dimensions** | 40mm x 40mm x 10mm | Square footprint with a low-profile height. |
| **Fin Type** | Straight Fin | Optimizes airflow in unidirectional cooling systems. |
| **Thermal Resistance** | Variable | Varies based on airflow (LFM). |
---
### 2. Key Components & Design
The "electronic" nature of this part refers to its integration into PCBA (Printed Circuit Board Assembly) design:
* **Thermal Interface Material (TIM):** This specific model typically comes with **T412** phase-change material or an equivalent pre-applied adhesive, ensuring maximum heat transfer between the chip and the sink.
* **Push-Pin Mounting:** Unlike simple adhesive sinks, this uses a mechanical push-pin system with a stainless steel spring. This provides consistent pressure (load) on the electronic component, which is critical for maintaining thermal contact over time.
* **Fin Geometry:** The straight-fin design is engineered for **forced air cooling** (fans). The spacing between fins is calculated to minimize pressure drop while maximizing surface area.
---
### 3. Applications
This part is commonly found in the following electronic systems:
* **Networking Hardware:** Routers, switches, and gateways.
* **Industrial PCs:** Compact motherboards where vertical space is limited (10mm height).
* **Embedded Systems:** Cooling for FPGA or ASIC chips that generate significant heat in a small footprint.
---
- ⤷
What is the thermal resistance value of this heat sink at 200 LFM?
- ⤷What are the advantages of blue anodizing over natural aluminum finishes?
- ⤷How do I determine the correct hole pattern on a PCB for the push-pin mounting?