ATS-06H-151-C2-R0
AI

The **ATS-06H-151-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blueICE" series, specifically designed for cooling electronic components like CPUs, GPUs, and high-power MOSFETs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | blueICE |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 3.93°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 30.00mm |
---
### 2. Physical Design and Construction
* **Fins:** It features a **Straight Fin** design. This is optimized for airflow that is directed linearly across the heat sink.
* **Base Material:** Made from lightweight aluminum which provides high thermal conductivity while remaining cost-effective.
* **The "C2" Suffix:** This indicates the thermal interface material (TIM) or specific finish. In this case, it typically refers to **T766** (a high-performance thermal phase-change material) pre-applied to the base.
* **The "R0" Suffix:** This usually denotes the RoHS (Restriction of Hazardous Substances) compliance version of the product.
---
### 3. Attachment Mechanism: pushPIN™
The most notable electronic/mechanical feature of this part is the **pushPIN™** system.
1. **Mounting:** It utilizes plastic or brass pins with a built-in spring.
2. **Pressure:** The spring provides precise, constant pressure on the electronic component, ensuring optimal thermal contact.
3. **Ease of Use:** It is designed for quick assembly on PCBs (Printed Circuit Boards) with pre-drilled holes, eliminating the need for messy adhesives or complicated bracket systems.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
|:---|:---|
| 100 (0.5 m/s) | 3.93 |
| 300 (1.5 m/s) | 2.05 |
| 500 (2.5 m/s) | 1.63 |
---
### 5. Application Usage
This heat sink is commonly used on:
* **ASICs and FPGAs:** High-density chips requiring stable thermal management.
* **Power Supplies:** Cooling voltage regulators.
* **Telecom Equipment:** Used in rack-mounted servers where directional airflow is consistent.
- ⤷
How do I calculate the required LFM for my specific CPU using this heat sink?
- ⤷ What are the exact hole-to-hole dimensions for the pushPIN mounting?
- ⤷ Does this model come with different thermal interface materials besides T766?