ATS-06H-182-C2-R0
AI

The part number **ATS-06H-182-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat surface-mount chips.
---
### 1. Technical Specifications
The following table highlights the critical mechanical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Fin Type** | Straight Fin (Cross-cut) |
| **Attachment Method** | Push-Pin (Plastic) with Brass Springs |
| **Thermal Interface (TIM)** | T766 (High Performance Pre-applied) |
| **Thermal Resistance** | 7.51°C/W (at 200 LFM) |
---
### 2. Breakdown of the Part Number
Advanced Thermal Solutions uses a specific naming convention to identify the features of the heat sink:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **06**: Series/Designator for the base plate and fin pattern.
* **H**: Fin configuration or material density rating.
* **182**: Unique geometry identifier (40mm x 40mm base).
* **C2**: Indicates the specific thermal interface material (TIM) and color/finish (Blue Anodized).
* **R0**: Revision/Packaging code (Standard RoHS compliant).
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not consume electricity), it is vital for the operation of electronic systems for several reasons:
* **Heat Dissipation:** It increases the surface area of a semiconductor, allowing heat generated by the passage of current to escape into the surrounding air via convection.
* **Overheating Prevention:** By maintaining the junction temperature ($T_j$) of a chip below its maximum rating, it prevents **Thermal Throttling** (where a processor slows down to stay cool) or permanent hardware failure.
* **Reliability:** Lowering operating temperatures significantly increases the Mean Time Between Failures (MTBF) for capacitors and silicon components on a PCB.
---
### 4. Mounting Hardware
This specific model uses a **Push-Pin** mounting system.
1. **Spring-Loaded:** The brass springs provide constant pressure on the chip to ensure maximum contact with the thermal paste.
2. **Hole Spacing:** It requires specific pre-drilled holes in the PCB to lock the pins in place.
- ⤷
What are the airflow requirements for the ATS-06H-182-C2-R0 to reach its peak thermal efficiency?
- ⤷ Can the T766 thermal interface material be replaced with a different compound?
- ⤷ How does the 'Cross-cut' fin design differ from standard straight fins in terms of performance?