ATS-06H-33-C2-R0
AI

The **ATS-06H-33-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Fin Type** | Straight Fin |
| **Base Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 57.90mm x 36.83mm x 17.78mm |
| **Thermal Resistance** | 1.40 °C/W (at 200 LFM) |
---
### 2. Breakdown of Features
#### A. The "pushPIN™" Attachment
Unlike heat sinks that use adhesive tape or clips, this model uses a **Push-Pin** system. This provides:
* **Constant Pressure:** Ensures optimal contact between the heat sink and the component for better heat transfer.
* **Secure Mounting:** Uses a spring-loaded mechanism that snaps into pre-drilled holes on the PCB.
#### B. Straight Fin Design
The "33" in the part number corresponds to a specific fin profile. Straight fins are ideal for **unidirectional airflow** (forced convection). The aluminum construction provides a balance between weight and thermal conductivity.
#### C. Thermal Performance
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). A lower number means better cooling.
* **Unducted Flow:** 17.42 °C/W (at 100 LFM)
* **Ducted Flow:** 1.40 °C/W (at 200 LFM)
---
### 3. Dimensional Drawing (Simplified Representation)
```text
<--- 57.90mm --->
_____________________ ^
| ||||||||||||||||||| | |
| ||||||||||||||||||| | 36.83mm
|_____________________| v
Height (Profile): 17.78mm
```
---
### 4. Typical Applications
* **Embedded Systems:** Cooling microprocessors in industrial PCs.
* **Telecommunications:** Cooling ASICs in networking switches or routers.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the different push-pin material options for this series?
- ⤷ How do I calculate the correct hole diameter on my PCB for this heat sink?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in thermal performance?