Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06H-67-C2-R0

  • AI
    The **ATS-06H-67-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The following table highlights the physical and thermal properties of this specific part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Part Series** | pushPIN™ Heat Sink | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Dimensions (L x W)** | 45.00 mm x 45.00 mm | | **Height (H)** | 10.00 mm | | **Pitch (Mounting)** | 38.00 mm | | **Thermal Resistance** | 20.30 °C/W (Unducted Flow @ 100 LFM) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Design Characteristics #### A. Fin Geometry This model utilizes a **Straight Fin** design. While cross-cut fins are better for omnidirectional airflow, straight fins are highly efficient in applications where there is a specific, directed path for the cooling air (ducted flow). #### B. Push-Pin Mounting System Instead of using adhesive tape or screws, this part uses a **spring-loaded push-pin** mechanism. * **Pressure:** Ensures consistent contact pressure between the heat sink and the component. * **Security:** Provides a more vibration-resistant connection than thermal tape. * **Ease of Use:** Allows for quick installation and removal during maintenance. #### C. Thermal Interface Material (TIM) The "C2" in the part number indicates the use of **T766 thermal grease**. This is pre-applied at the factory, ensuring that there are no air gaps between the heat sink base and the electronic chip, maximizing heat transfer. --- ### 3. Application Use Cases The ATS-06H-67-C2-R0 is commonly found in: * **Networking Hardware:** Routers, switches, and small servers. * **Embedded Systems:** Industrial PCs where vertical space is limited (low profile 10mm height). * **Power Supplies:** Cooling MOSFETs or voltage regulators. --- ### 4. Part Number Breakdown * **ATS:** Manufacturer (Advanced Thermal Solutions). * **06H:** Specific series/form factor. * **67:** Specific model/fin configuration. * **C2:** Thermal Interface Material (T766) and color/finish. * **R0:** Revision code (Standard).
    ✨ Follow-up Questions
    • ⤷ How does the thermal resistance of this model change with higher airflow (LFM)?
    • ⤷ What are the specific hole diameter requirements for the 38mm pitch push-pins?
    • ⤷ Can this heat sink be customized with a different Thermal Interface Material (TIM)?