Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06H-92-C2-R0

  • AI
    The **ATS-06H-92-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components like CPUs, GPUs, or power transistors. --- ## Technical Specifications The following table outlines the key physical and thermal characteristics of the device: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. | | **Series** | pushPIN™ HS | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm | | **Thermal Resistance** | 1.64°C/W (at 100 LFM) | | **Fin Style** | Straight Fin | --- ## Component Breakdown ### 1. Thermal Performance The "C2" in the part number indicates a specific thermal interface material (TIM) or performance grade. This heat sink is designed to dissipate heat effectively in a "forced air" environment (where a fan is present). At higher airflow speeds (e.g., 500 LFM), the thermal resistance drops significantly, allowing the electronic component to run cooler. ### 2. Attachment System (pushPIN™) Unlike adhesive-based heat sinks, this model uses a **push-pin and spring** mechanism. * **Reliability:** Provides consistent pressure for better thermal contact. * **Ease of Use:** Allows for quick installation and removal without messy glues. * **Stability:** Specifically designed to withstand vibration and mechanical shock. ### 3. Material and Coating * **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio. * **Blue Anodized Finish:** This is not just for aesthetics; the anodization process increases the surface area at a microscopic level and protects the aluminum from corrosion. --- ## Common Applications * **Embedded Systems:** Cooling microprocessors on industrial motherboards. * **Telecommunications:** Managing heat in networking switches and routers. * **Power Electronics:** Dissipating heat from high-voltage regulators or FETs.
    ✨ Follow-up Questions
    • ⤷ What are the mounting hole requirements for the push-pin system?
    • ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
    • ⤷ Is there a version of this heat sink with a different height or fin type?