ATS-07A-01-C2-R0
AI

The **ATS-07A-01-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat-density integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal properties of the part:
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Thermal Resistance** | 21.93 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 6mm |
| **Fin Type** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Electronic Component Breakdown
#### A. Fin Geometry (Straight Fin)
The "01" in the part number refers to the straight fin profile. This design is optimized for **forced air cooling** environments. The spacing between the fins allows for low pressure drop, making it suitable for systems where airflow is directed across the component by a fan.
#### B. Thermal Interface Material (TIM)
The **C2** designation indicates that the heat sink comes with **T766 thermal phase change material** pre-applied to the base.
- This material flows into the microscopic irregularities between the heat source (the chip) and the heat sink base when heated.
- It significantly reduces the contact thermal resistance compared to air.
#### C. Mounting Mechanism (Push Pins)
The **R0** suffix indicates the specific revision and mounting hardware kit.
- It utilizes **plastic push pins** with a brass spring.
- This mechanism provides consistent pressure (load) on the electronic component, ensuring maximum heat transfer without damaging the delicate silicon die.
---
### 3. Application Use Cases
This specific heat sink is typically used for low-profile applications due to its **6mm height**:
1. **Embedded Systems:** For cooling processors in space-constrained enclosures.
2. **Network Switches:** Cooling ASICs and controllers.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
- ⤷
What are the alternative mounting options for ATS heat sinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the difference between straight fin and cross-cut fin designs?