ATS-07A-101-C3-R0
AI

The **ATS-07A-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and attachment method.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Fin Style** | Straight (High Performance) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Attachment Method** | Push-Pin (Brass or Plastic) |
| **Thermal Resistance** | ~6.77°C/W (at 100 LFM) |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Key Components & Construction
#### A. The Fin Array (Straight Fin)
This model uses a **Straight Fin** design. These are optimized for "longitudinal" airflow, meaning they work best when air is forced through the channels between the fins. The 30mm height provides a large surface area for heat transfer.
#### B. Push-Pin Attachment
Instead of using messy thermal epoxy or complex brackets, this part uses the **pushPIN™** system:
* It features a flexible spring-loaded mechanism.
* It ensures consistent pressure across the component surface for maximum thermal conductivity.
* The pins are designed for specific hole patterns on a PCB.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates the specific TIM used.
* **T412:** This is a high-performance thermal pad pre-applied to the base of the heat sink. It fills microscopic air gaps between the heat sink and the electronic chip to improve heat flow.
---
### 3. Applications
The ATS-07A-101-C3-R0 is typically used in environments where active cooling (fans) is present:
1. **Telecommunications:** Networking switches and routers.
2. **Industrial PCs:** Compact systems requiring robust cooling.
3. **Power Supplies:** Cooling MOSFETs or voltage regulators.
4. **Embedded Systems:** High-speed processors that generate significant localized heat.
---
### 4. Thermal Performance Data
Performance varies based on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 6.77 |
| 300 | 1.5 | 2.45 |
| 500 | 2.5 | 1.70 |
---
- ⤷
How does the T412 thermal interface material compare to standard thermal grease?
- ⤷ What are the PCB hole diameter requirements for the push-pin attachment?
- ⤷ Can this heat sink be used in a passive cooling (fanless) environment?