Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-07A-13-C2-R0

  • AI
    The **ATS-07A-13-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These parts are designed to dissipate heat from integrated circuits (ICs) and other electronic components. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 13.70°C/W (Unducted Flow @ 200 LFM) | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm | | **Fin Style** | Straight Fin | --- ### Key Electronic & Mechanical Components #### 1. Heat Sink Body (Aluminum) The core of the part is a 50mm square aluminum block with vertical fins. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio. The **Blue Anodized** finish is not just aesthetic; it provides a protective oxide layer that increases surface emissivity and prevents corrosion. #### 2. Push-Pin Attachment Mechanism Instead of using messy thermal adhesives or complex screws, this part uses a **plastic push-pin** system. * **Ease of Assembly:** Allows for quick installation on a PCB (Printed Circuit Board). * **Constant Pressure:** A built-in spring ensures consistent downward pressure on the electronic chip, which is critical for maintaining an efficient thermal interface. #### 3. Compression Spring Located around the push-pin, the spring provides the mechanical force necessary to ensure the heatsink remains in flush contact with the component, even during mechanical vibration or thermal expansion. --- ### Application in Electronics This specific heatsink is typically found in: * **Networking Equipment:** Routers and switches. * **Embedded Systems:** Industrial PCs and controllers. * **Power Supplies:** Cooling MOSFETs or small voltage regulators. ### Performance Data (Airflow) Thermal performance varies based on the velocity of the air passing through the fins: | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 | 18.30 | | 200 | 13.70 | | 500 | 7.30 | ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the ATS-07A-13-C2-R0 push-pins?
    • ⤷ Does this model come with a pre-applied thermal interface material (TIM)?
    • ⤷ What are the advantages of a straight fin design over a cross-cut design for this part?