ATS-07A-16-C2-R0
AI

The **ATS-07A-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*.
Below is a detailed breakdown of its electronic and physical specifications.
---
## 1. Technical Specifications
This part belongs to the **pushPIN™** Heat Sink Assembly series, designed for efficient cooling of electronic components like CPUs, GPUs, or power transistors.
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded bolts) |
| **Thermal Resistance** | 18.08 °C/W (at 100 LFM) |
| **Flow Pattern** | Straight Fin |
| **Thermal Interface Material** | T766 (Pre-applied phase change material) |
---
## 2. Physical Dimensions
Precision in dimensions is critical for ensuring the part fits within the PCB layout and clears surrounding components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Base Length (A)** | 54.00 mm |
| **Base Width (B)** | 54.00 mm |
| **Height (C)** | 10.00 mm |
| **Pitch (E)** | 47.00 mm |
| **Pitch (F)** | 47.00 mm |
---
## 3. Electronic Application & Performance
The "C2" in the part number indicates the material and finish, while "R0" refers to the revision/packaging standard.
### Thermal Performance Table
Thermal resistance measures how effectively the part dissipates heat. Lower values indicate better cooling performance.
| Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) | 700 (3.5m/s) |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 18.08 | 8.35 | 4.75 | 3.43 |
### Key Features for Electronics:
* **Push-Pin Attachment:** Provides a secure, high-pressure fit that improves thermal contact between the heat sink and the electronic chip.
* **Low Profile:** At only 10mm high, it is ideal for 1U servers or space-constrained embedded systems.
* **Pre-applied TIM:** The T766 thermal interface material ensures consistent heat transfer without the mess of manual paste application.
---
## 4. Part Number Breakdown
```text
ATS - 07 A - 16 - C2 - R0
| | | | |
| | | | +-- Revision/Package
| | | +------- Color/Finish (Blue Anodized)
| | +------------ Height (10mm)
| +------------------ Series/Internal Code
+------------------------ Advanced Thermal Solutions
```
- ⤷
What are the benefits of using Blue Anodized finish for this heat sink?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W component?
- ⤷ What is the difference between the T766 and T412 thermal interface materials?