ATS-07A-166-C3-R0
AI

The **ATS-07A-166-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** family, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat-density integrated circuits.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Fin Type** | Straight / Square |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 12.30 °C/W @ 100 LFM |
| **Overall Dimensions** | 25mm x 25mm x 15mm |
| **Mounting Hole Spacing** | 30mm |
| **Compliance** | RoHS & REACH compliant |
---
## 2. Key Features and Components
### A. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, the "pushPIN" system uses a brass or plastic pin with a high-tension spring.
- **Benefit:** Ensures constant pressure on the electronic component, which improves thermal transfer.
- **Reliability:** It is vibration-resistant and easy to install or remove for maintenance.
### B. Material & Finish
- **Aluminum Alloy:** Offers a balance of lightweight construction and high thermal conductivity.
- **Blue Anodization:** This is not just for aesthetics; the anodized coating increases the surface area's emissivity and provides corrosion resistance and electrical insulation.
### C. Fin Geometry
- **High Performance:** The square fin design is optimized for environments with low-to-medium airflow (LFM).
- **Thermal Performance Table (Airflow vs. Resistance):**
| Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :---: | :---: | :---: | :---: |
| **Resistance (°C/W)** | 12.30 | 5.91 | 4.30 | 3.59 |
---
## 3. Application Use Cases
This specific part is generally used for small-form-factor electronics where space is limited but heat dissipation is critical:
1. **Telecommunications:** Cooling of networking chips and signal processors.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Supplies:** Heat management for voltage regulators and power transistors.
---
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I choose the correct spring tension for a pushPIN heat sink?
- ⤷ Are there copper alternatives to the ATS-07A-166-C3-R0 for higher conductivity?