ATS-07A-210-C2-R0
AI

The **ATS-07A-210-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 70.00 mm x 70.00 mm |
| **Height (Fin)** | 12.70 mm |
| **Pitch** | Fine Pitch (Dense fins) |
| **Thermal Resistance** | 5.18°C/W (at 100 LFM) |
---
## 2. Component Design Features
The ATS-07A-210-C2-R0 is engineered for specific electronic cooling requirements:
### A. Fin Pattern (High Performance)
The "210" in the part number indicates a specific cross-cut fin geometry. This design maximizes surface area and promotes turbulent airflow, which significantly reduces the thermal resistance between the electronic component and the ambient air.
### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or complex screws, this part uses a standardized **pushPIN™** system:
* **Spring-loaded mechanism:** Ensures consistent pressure across the thermal interface.
* **Secure fit:** Prevents the heat sink from shifting during vibration or shipping.
* **Easy Installation:** Requires pre-drilled holes on the PCB (typically 3.175mm).
### C. Thermal Interface Material (TIM)
The "R0" suffix indicates that the part typically comes with **T766** pre-applied thermal phase-change material or a high-performance thermal pad, ensuring optimal heat transfer from the chip to the aluminum base.
---
## 3. Application Use Cases
This heat sink is commonly used in high-density electronic environments such as:
1. **Networking Hardware:** Switches, routers, and high-speed modems.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Power supplies and MOSFET cooling where vertical space is limited (12.7mm height).
---
- ⤷
What are the alternative attachment methods to pushPIN for this size heat sink?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ What is the recommended airflow direction for cross-cut fin designs?