ATS-07A-24-C2-R0
AI

The **ATS-07A-24-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "push pin" attachment series designed for efficient cooling of integrated circuits (ICs).
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimension (L x W)** | 60.00 mm x 60.00 mm |
| **Height** | 20.00 mm |
| **Thermal Resistance** | 1.83°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Spring Type** | Compression Spring |
---
### 2. Key Component Features
* **Heat Sink Material:** Constructed from high-quality aluminum. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
* **Thermal Performance:** It is designed for "cross-cut" airflow. The thermal resistance of **1.83°C/W** indicates that for every watt of power the chip dissipates, the temperature will rise by 1.83 degrees Celsius above the ambient air (assuming 200 Linear Feet per Minute of airflow).
* **Attachment Mechanism:**
* **Push-Pins:** Uses pre-assembled plastic push-pins that click into pre-drilled holes in the PCB.
* **Springs:** Features a compression spring system that provides a consistent, high-pressure interface between the heat sink and the processor/component to maximize heat transfer.
* **Interface Material:** Usually comes with a **Thermal Interface Material (TIM)** pre-applied to the base (often a Phase Change Material or Thermal Tape) to fill microscopic air gaps between the chip and the metal.
---
### 3. Application Use Cases
This specific heat sink size (60x60mm) is typically used for cooling:
1. **High-Power Processors:** FPGAs, ASICs, and high-end CPUs.
2. **Network Hardware:** Cooling chipsets in routers and switches.
3. **Industrial Controllers:** Protecting power-dense electronics from overheating in enclosed environments.
---
- ⤷
What is the hole pattern requirement for the push-pin installation of this heat sink?
- ⤷ How does the 'C2' suffix in the part number specifically define the thermal interface material?
- ⤷ What are the advantages of using a push-pin attachment over adhesive thermal tape?