ATS-07A-30-C2-R0
AI

The **ATS-07A-30-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or high-power transistors.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-07A-30-C2-R0 |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (LFM)** | 5.31 °C/W (@100 LFM) to 1.05 °C/W (@700 LFM) |
| **Dimensions (L x W x H)** | 70mm x 46.9mm x 25mm |
---
### 2. Key Electronic Components & Design Features
#### A. The Fin Design (Cross-Cut)
The unit features a **straight fin** or **cross-cut** pattern. In electronics, the fin geometry is critical because it determines the surface area available for heat dissipation. The "C2" in the part number indicates a specific density of fins optimized for forced air (fan) environments.
#### B. The pushPIN™ Attachment System
Rather than using messy adhesives or permanent thermal epoxy, this part utilizes a specialized mechanical attachment:
* **Springs:** Provide consistent pressure (Force) on the electronic chip, ensuring optimal contact.
* **Brass Bolts/Plastic Pins:** Secure the heat sink through pre-drilled holes in the Printed Circuit Board (PCB).
#### C. Thermal Interface Material (TIM)
The "R0" designation typically implies the inclusion of a high-performance **Thermal Interface Material**. This is the layer that sits between the electronic component (die) and the aluminum base to fill microscopic air gaps, significantly reducing thermal resistance.
---
### 3. Usage in Electronic Systems
This specific heat sink is used in hardware where heat must be moved away from a surface to prevent "Thermal Throttling" or hardware failure. Common applications include:
1. **Industrial Controllers:** Cooling power MOSFETs or IGBTs.
2. **Networking Gear:** Cooling high-speed ASICs in routers or switches.
3. **Embedded Systems:** For single-board computers that operate in high-temperature environments.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Unducted Flow (°C/W)** | 5.31 | 1.88 | 1.30 | 1.05 |
| **Ducted Flow (°C/W)** | 1.72 | 1.12 | 0.94 | 0.84 |
- ⤷
What is the difference between ducted and unducted flow for this heat sink?
- ⤷ How do I calculate if this heat sink is sufficient for a 20W electronic chip?
- ⤷ What are the PCB hole requirements for the pushPIN attachment system?