ATS-07A-39-C2-R0
AI

The **ATS-07A-39-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components like CPUs, GPUs, and other high-power ICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 12.7mm |
| **Thermal Resistance** | 18.94 °C/W (at 100 LFM) |
| **Airflow Direction** | Vertical/Horizontal (Omnidirectional) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### 2. Key Design Features
#### A. maxiFLOW™ Fin Geometry
The "C2" in the part number refers to the specific fin design. Unlike standard extruded heat sinks, these feature a flared fin pattern. This increases the surface area and maximizes air turbulence, significantly improving cooling efficiency in restricted airflow environments.
#### B. pushPIN™ Attachment
The "R0" indicates the attachment mechanism. This part uses a **pushPIN™** system which includes:
* A brass or plastic pin.
* A stainless steel spring for consistent pressure.
* Pre-drilled holes in the PCB are required for installation.
#### C. Thermal Interface Material (TIM)
The heat sink comes pre-applied with **T766** thermal grease. This ensures low contact resistance between the electronic component (heat source) and the aluminum base of the heat sink right out of the box.
---
### 3. Decoding the Part Number
The part number can be broken down to understand its configuration:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **07**: Series identifier.
* **A**: Attachment type (Spring/Pin).
* **39**: Physical dimensions/form factor code.
* **C2**: Performance class and fin density.
* **R0**: Versioning and packaging code.
---
### 4. Applications
This electronic part is typically found in:
1. **Telecommunications**: Cooling chipsets in routers and switches.
2. **Embedded Systems**: Industrial PCs and IoT gateways.
3. **Power Electronics**: Voltage regulators and high-speed processors.
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does the thermal resistance change at higher LFM (Linear Feet per Minute)?
- ⤷ Is there a version of this heat sink with a different height?