ATS-07A-47-C2-R0
AI

The **ATS-07A-47-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and features.
---
### 1. General Specifications
The part belongs to the **pushPIN™** series, which is known for its standardized mounting system.
| Property | Value |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-07A-47-C2-R0 |
| **Component Type** | Heat Sink |
| **Attachment Method** | pushPIN™ |
| **Fin Type** | Straight |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
---
### 2. Physical Dimensions
Precision measurements are critical for ensuring the heat sink fits on the PCB without interfering with neighboring components.
* **Length (A):** 45.00 mm
* **Width (B):** 45.00 mm
* **Height (C):** 12.70 mm
* **Pitch (E):** 38.00 mm (Distance between mounting holes)
* **Pitch (F):** 38.00 mm
---
### 3. Thermal Performance
Thermal resistance determines how effectively the part dissipates heat. Lower values indicate better cooling performance. Values are typically measured in °C/W (Degrees Celsius per Watt).
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.58 °C/W |
| 300 (1.5 m/s) | 4.05 °C/W |
| 500 (2.5 m/s) | 2.50 °C/W |
| 700 (3.5 m/s) | 1.90 °C/W |
---
### 4. Key Design Features
* **Push-Pin Mounting:** Features a pre-assembled push-pin and spring mechanism for easy installation. This ensures consistent pressure on the thermal interface material (TIM).
* **Thermal Interface Material:** Usually comes with a pre-applied high-performance **Phase Change Material (PCM)** or thermal tape to maximize heat transfer from the chip to the aluminum fins.
* **Straight Fin Design:** The straight fin pattern is optimized for airflow directed across the board, providing a balance between surface area and low pressure drop.
* **C2 Rating:** This suffix typically refers to the specific material/finish or the thermal interface material grade used in this specific configuration.
---
### 5. Application Code Structure
If you are ordering or looking for replacements, here is what the suffix codes mean:
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **07:** Series Number
* **A:** Material/Finish Code
* **47:** Length/Width identifier
* **C2:** Thermal Interface Material / Color code
* **R0:** Revision/Packaging code
- ⤷What is the difference between a straight fin and a cross-cut fin heat sink?
- ⤷ How do I calculate the required LFM for my specific processor?
- ⤷ Can the pushPIN mounting system be reused if the heat sink is removed?