AI

The **ATS-07A-57-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) like processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Pitch** | Super Fine (High density fins) |
| **Thermal Resistance** | 13.16°C/W (at 1.0 m/s airflow) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of Part Numbering
Understanding the nomenclature reveals the part's characteristics:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Heat sink series/family.
* **A:** Attachment style (standard hole pattern).
* **57:** Specific design configuration.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision/Packaging code.
---
### 3. Key Electronic Cooling Features
#### High-Efficiency Fin Design
The "Super Fine" pitch refers to the high density of aluminum fins. This increases the total surface area available for heat dissipation, making it ideal for high-power electronics where space is limited.
#### PushPIN™ Attachment System
Instead of using messy thermal adhesives or complex brackets, this part uses a **pushPIN™** system. It features:
* A pre-assembled brass component with a stainless steel spring.
* A "click" engagement that ensures the heat sink is held against the electronic component with the correct amount of pressure (load).
#### Thermal Interface Material (TIM)
The part comes with **T766** material pre-applied to the base. This material fills the microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance and ensuring the CPU/GPU stays within safe operating temperatures.
---
### 4. Implementation Code Example
In thermal simulation or PCB design software (like Altium or Eagle), you might define the thermal properties of this component as follows:
```json
{
"component_id": "ATS-07A-57-C2-R0",
"type": "Heat Sink",
"dimensions": {
"x": 40.0,
"y": 40.0,
"z": 15.0,
"unit": "mm"
},
"thermal_resistance_forced_convection": {
"airflow_100_lfm": 13.16,
"airflow_500_lfm": 3.12
},
"mounting": "pushPIN-2-hole"
}
```
---
- ⤷What is the difference between Blue Anodized and Clear Anodized finishes in heat sinks?
- ⤷ How do I calculate if the 13.16°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the PCB hole diameter requirements for the pushPIN attachment?