ATS-07A-65-C2-R0
AI

The **ATS-07A-65-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, which is specifically designed to maximize surface area and improve airflow across electronic components.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-07A-65-C2-R0 |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
| **Flow Pattern** | maxiFLOW (Tapered Fin Design) |
| **RoHS Status** | Compliant |
---
### 2. Design and Component Features
#### A. The maxiFLOW™ Fin Geometry
The "C2" in the part number refers to the specific fin design. These heat sinks feature a **tapered fin structure** which reduces pressure drop and allows for high-velocity air to penetrate deeper into the fin array. This makes it ideal for high-density PCBs where airflow might be obstructed.
#### B. pushPIN™ Attachment System
Unlike traditional adhesive tapes, this part uses the **pushPIN™** system:
* **Hardware:** Includes a flexible spring and a plastic/brass pin.
* **Security:** Provides a precise, high-pressure fit against the component (CPU/GPU/FPGA), ensuring optimal thermal interface material (TIM) performance.
* **Reliability:** Resistant to vibration and shock compared to "peel-and-stick" methods.
#### C. Material and Coating
* **Base Material:** Extruded Aluminum, which provides a balance between lightweight design and thermal conductivity.
* **Finish:** Black Anodized. This is not just for aesthetics; the black anodized finish increases **emissivity**, allowing the part to radiate heat more effectively into the surrounding air.
---
### 3. Thermal Performance Profile
The performance of the ATS-07A-65-C2-R0 is highly dependent on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 7.29 |
| 200 | 2.36 |
| 300 | 1.49 |
| 400 | 1.15 |
---
### 4. Typical Applications
This component is generally used to cool high-heat-generating semiconductors in the following fields:
* **Networking:** Switches, routers, and base stations.
* **Industrial Power:** Power supplies and motor controllers.
* **Computing:** High-speed processors or FPGAs on embedded boards.
- ⤷
What are the specific hole patterns required on the PCB for the pushPIN attachment?
- ⤷ How does the 'R0' suffix impact the material or compliance standards of this part?
- ⤷ Can this heat sink be used with a custom fan shroud for improved cooling?