ATS-07A-66-C2-R0
AI

The **ATS-07A-66-C2-R0** is a specific part number for a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" family, designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 5.77 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45mm x 45mm x 35mm |
| **Flow Orientation** | Vertical Fin (Cross-cut) |
---
### 2. Breakdown of the Model Number
The part number can be decoded as follows:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Specific series/designator.
* **A**: Attachment type (typically refers to specific push-pin hardware).
* **66**: Height/Profile code (35mm height).
* **C2**: Thermal interface material (usually signifies **T766** high-performance phase change material).
* **R0**: RoHS compliance/revision status.
---
### 3. Key Electronic Cooling Components
The ATS-07A-66-C2-R0 is not an "electronic" part in terms of circuitry, but it is a critical **mechanical thermal management component**. Its effectiveness relies on three elements:
#### A. The Heat Sink Body
The body is made of extruded aluminum. The "Cross-cut" fin design allows air to flow from multiple directions, making it more efficient in environments where airflow might be turbulent or unpredictable.
#### B. Push-Pin Fasteners
Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin mechanism.
* **Pressure:** The springs provide consistent pressure on the chip.
* **Reliability:** It ensures the heat sink remains in contact with the component even during vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
The "C2" suffix indicates that a **pre-applied thermal pad** is included on the bottom surface. This material fills microscopic air gaps between the heat sink and the electronic chip to maximize heat transfer.
---
### 4. Application Use Cases
* **FPGA Cooling:** Ideal for Field Programmable Gate Arrays that generate significant heat.
* **Embedded Systems:** Used in industrial PCs where long-term reliability is required.
* **Networking Gear:** Cooling for high-speed switch or router processors.
- ⤷
What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can the 'C2' thermal material be replaced with standard thermal paste?