ATS-07A-68-C2-R0
AI

The **ATS-07A-68-C2-R0** is a specific high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series of heat sinks, designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Heat Sink Type** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Attachment Method** | Push Pin / Spring (R0) |
| **Thermal Resistance (Unducted)** | 15.31 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.25 °C/W @ 100 LFM |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Electronic Application & Function
This part is not an active electronic component (like a transistor) but an **essential passive component** in electronic systems.
#### Key Functions:
* **Heat Dissipation:** It increases the surface area of the heat-generating component to allow for faster cooling via convection.
* **Fine Pitch Fin Design:** The "68" in the part number indicates a specific fin pattern (Cross-cut) designed to allow airflow from multiple directions, making it ideal for crowded PCB layouts.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** thermal phase change material to ensure a low thermal resistance path between the chip and the heat sink.
---
### 3. Attachment Mechanism
The **"R0"** suffix refers to the mounting hardware. It utilizes a **Push Pin and Spring** system:
1. **Brass Push Pins:** Ensure high durability.
2. **Compression Springs:** Provide specific pressure (force) to ensure the heat sink is flush against the electronic component.
3. **Hole Pattern:** Requires pre-drilled holes in the PCB (standard 3.0mm diameter) with a pitch of **38.00mm**.
---
### 4. Part Number Breakdown
Understanding the ATS nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **07** | Series / Attachment Style |
| **A** | Material (Aluminum) |
| **68** | Fin Design / Pattern |
| **C2** | Thermal Interface Material (T766) |
| **R0** | Packaging / Revision Code |
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there alternative mounting options if my PCB lacks push pin holes?
- ⤷ How does the Blue Anodized finish affect the performance of the heat sink?