ATS-07A-79-C2-R0
AI

The **ATS-07A-79-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like BGA (Ball Grid Array) chips, CPUs, or GPUs.
---
### 1. Technical Specifications
The part number is encoded with specific technical details regarding its dimensions, material, and thermal performance.
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm |
| **Material** | Aluminum |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Plastic Push Pin (with Brass Spring) |
| **Thermal Resistance** | 2.63°C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
| **Color/Finish** | Blue Anodized |
---
### 2. Physical Design Elements
#### A. The Fin Geometry
The "Straight Fin" design is optimized for **forced air cooling** (environments with fans). The vertical fins provide a large surface area for heat dissipation while maintaining a low pressure drop, allowing air to flow through the sink efficiently.
#### B. Attachment Mechanism
The **Push Pin** system consists of:
* **Plastic Pins:** These snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Springs:** These provide a precise "clamping force" (pressure) to ensure the base of the heat sink makes firm, consistent contact with the electronic component.
#### C. Thermal Interface Material (TIM)
The base of this heat sink comes pre-applied with **T766 phase-change material**. This fills the microscopic air gaps between the chip surface and the heat sink base, significantly reducing thermal resistance compared to air.
---
### 3. Application and Usage
This heat sink is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Industrial Computing:** Embedded systems where high heat density is present.
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
---
### 4. Part Number Breakdown (Standard ATS Format)
| Prefix | Series/Size | Height | Mounting | Finish |
| :--- | :--- | :--- | :--- | :--- |
| **ATS** | **07A** | **30mm** | **Push Pin** | **Blue Anodized** |
---
- ⤷What is the difference between a push-pin and a clip-on heat sink attachment?
- ⤷ How do I calculate if this heat sink is sufficient for my chip's TDP?
- ⤷ Does this heat sink require a specific PCB hole diameter?