ATS-07A-83-C2-R0
AI

The **ATS-07A-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) and other electronic surface-mount components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Pitch** | XC (Extra Coarse) |
| **Thermal Resistance** | 8.57 °C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. Fin Design
The "XC" designation indicates an **Extra Coarse** fin pitch. This design is optimized for environments with lower airflow or where pressure drop must be minimized. The fins are typically arranged in a "Straight Fin" or "Cross-Cut" pattern to maximize surface area for heat dissipation.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the pushPIN™ system uses:
- **Plastic push pins:** To secure the sink to the PCB.
- **Compression springs:** To ensure uniform pressure across the component surface, which optimizes thermal transfer.
- **Pre-drilled holes:** Requires specific hole spacing on the PCB for installation.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This eliminates the need for manual application of thermal grease and ensures a reliable thermal bond between the chip and the heat sink.
---
### 3. Thermal Performance (Deg C/W)
Performance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 8.57 | 4.54 | 3.62 | 3.19 | 2.91 |
---
### 4. Applications
* **Embedded Systems:** Cooling for CPUs, GPUs, or FPGAs.
* **Telecommunications:** Networking equipment where vertical space is limited to 20mm.
* **Power Electronics:** Dissipating heat from high-speed transistors or voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the pushPIN™ attachment?
- ⤷ How does the T766 interface material compare to standard thermal paste?
- ⤷ Are there low-profile versions of this heat sink for 1U server racks?