ATS-07A-95-C2-R0
AI

The **ATS-07A-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *maxiFLOW™* series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Component Overview
This part is designed to dissipate heat from electronic components such as CPUs, GPUs, FPGAs, and power modules that utilize BGA (Ball Grid Array) packaging.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (Body), Copper (optional variants) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) to 2.32 °C/W (at 700 LFM) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and ensuring there is no interference with nearby capacitors or connectors.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 25.00 mm
* **Pin Pitch (Spacing):** 43.00 mm
---
### 3. Thermal Performance (Cooling Efficiency)
Thermal resistance indicates how effectively the part moves heat away from the silicon. Lower numbers are better.
| Air Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 7.29 |
| 300 | 1.5 | 3.22 |
| 500 | 2.5 | 2.58 |
| 700 | 3.5 | 2.32 |
---
### 4. Key Electronic Design Features
* **maxiFLOW™ Geometry:** The fin structure features a flared design which increases the surface area for convection while maintaining a low pressure drop. This is ideal for systems with high-density components.
* **pushPIN™ Attachment:** Unlike adhesive tapes, the pushPIN™ system uses a brass component and a stainless steel spring. This provides a precise, calculated pressure (Pre-assembled) against the electronic chip to ensure optimal contact with the Thermal Interface Material (TIM).
* **Pre-applied TIM:** These units typically come with **Phase Change Material (PCM)** or high-performance thermal grease pre-applied to the base, reducing assembly time and ensuring uniform heat transfer.
* **Non-Conductive Finish:** The blue anodized coating provides a layer of electrical insulation and corrosion resistance, preventing accidental shorts if the sink were to touch exposed traces (though physical clearance is always recommended).
---
### 5. Application Use Cases
1. **Telecommunications:** Used in routers and switches where high-velocity airflow is present.
2. **Embedded Systems:** Cooling industrial PCs and controllers.
3. **Power Electronics:** Dissipating heat from MOSFET arrays or high-speed processors.
- ⤷
What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How does the pressure drop of the maxiFLOW design affect fan selection?
- ⤷ Does this model come with different Thermal Interface Material (TIM) options?