ATS-07A-96-C2-R0
AI

The **ATS-07A-96-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
| Parameter | Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Product Category** | Heat Sinks |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 5.63°C/W (at 100 LFM) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and clearance.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height (Fin Height):** 25.00 mm
* **Pitch (Hole-to-Hole):** 45.00 mm
---
### 3. Key Electronic/Mechanical Features
### A. Fin Design (Cross-Cut)
The unit features a **straight fin** or **cross-cut** pattern (depending on specific sub-variants in the 96-C2 range). This design optimizes airflow from multiple directions, making it suitable for systems with varying fan orientations.
### B. Push-Pin Attachment
Instead of using adhesive tape or screws, this part uses a **Push-Pin** system with a compression spring.
* **Reliability:** Provides consistent pressure on the electronic component (TIM - Thermal Interface Material).
* **Assembly:** Allows for quick "snap-on" installation onto the PCB via pre-drilled holes.
### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the part comes with a pre-applied high-performance **Thermal Interface Material** (like T766) on the base. This ensures there are no air gaps between the chip and the heat sink, maximizing heat transfer.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as the airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 5.63 |
| 200 | 1.0 | 1.81 |
| 300 | 1.5 | 1.21 |
| 400 | 2.0 | 0.92 |
---
### Usage Note
This part is typically used in **telecommunications, networking equipment, and industrial computers** where high-power components generate significant heat in a confined space.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with components larger than 40x40mm?