ATS-07A-97-C2-R0
AI

The **ATS-07A-97-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 2.03°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features and Components
* **Heat Sink Material:** Made of aluminum for efficient thermal conductivity and lightweight properties. The blue anodized finish increases surface emissivity and protects against corrosion.
* **Fin Design:** It utilizes a **cross-cut** or straight fin pattern (depending on the specific revision), which allows for multi-directional airflow, making it versatile for different fan placements within a chassis.
* **Attachment Mechanism:**
* **Push Pins:** Provides a secure, tool-free installation into pre-drilled holes on the PCB.
* **Springs:** The compression springs ensure constant, even pressure on the chip, which is critical for maintaining an effective thermal contact.
* **Thermal Interface Material (TIM):** This part comes with **T766** pre-applied to the base. This eliminates the need for manual thermal paste application and ensures optimal heat transfer from the component to the aluminum fins.
---
### 3. Application Use Cases
This specific part is typically found in the following electronic environments:
1. **Networking Hardware:** Cooling switches, routers, and high-speed modems.
2. **Embedded Systems:** Industrial PCs where reliability and mechanical stability are required.
3. **Power Electronics:** Managing heat for VRMs (Voltage Regulator Modules) or small power converters.
---
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how effectively the part dissipates heat. For the ATS-07A-97-C2-R0, performance varies based on airflow (Linear Feet per Minute):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 3.30 |
| 200 | 1.0 | 2.03 |
| 400 | 2.0 | 1.40 |
| 600 | 3.0 | 1.15 |
- ⤷
What are the PCB hole requirements for the push pin installation of this heat sink?
- ⤷ Can the pre-applied T766 thermal interface material be replaced with a different compound?
- ⤷ How does the 'C2' designation in the part number affect its material or coating properties?