ATS-07A-98-C2-R0
AI

The **ATS-07A-98-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and high-power MOSFETs.
---
### 1. Technical Specifications
The part number defines the physical dimensions and thermal properties of the component.
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with compression springs) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Style** | Straight (Vertical) |
| **Number of Fins** | High Density (Optimized for airflow) |
| **Thermal Resistance** | 15.31°C/W (at 100 LFM) to 1.51°C/W (at 800 LFM) |
---
### 2. Key Features
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** phase-change material or similar, ensuring a high-quality thermal bond between the heat sink and the chip.
* **Push Pin Mounting:** It uses a spring-loaded mechanism that provides consistent pressure across the component surface, which is critical for efficient heat transfer.
* **Airflow Optimization:** The straight-fin design is intended for systems with active cooling (fans), allowing air to flow through the fins with minimal pressure drop.
---
### 3. Part Number Breakdown
The nomenclature used by ATS provides specific details about the configuration:
1. **ATS-07**: Series designation (Push pin style).
2. **A**: Aluminum material.
3. **98**: Specific dimensions (45x45mm).
4. **C2**: Indicates the specific Thermal Interface Material (TIM) and heat sink height (20mm).
5. **R0**: Refers to the packaging and manufacturing revision (standard RoHS compliant).
---
### 4. Applications
This part is commonly used in industrial and consumer electronics where space is constrained but heat dissipation is critical:
* **Embedded Systems:** Cools high-performance microcontrollers.
* **Telecommunications:** Used in routers and switches on ASICs.
* **Industrial Power Supplies:** Cooling voltage regulators and power modules.
---
- ⤷What is the mounting hole pattern required for the ATS-07A-98-C2-R0?
- ⤷ How does the thermal resistance of this heat sink change with different airflow rates?
- ⤷ What are the alternatives to push-pin mounting for this size of heat sink?