AI

The **ATS-07B-210-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**, specifically part of their "push pin" series.
Below is a detailed breakdown of its specifications, electronic application, and technical features.
---
### 1. Technical Specifications
This component is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, or high-power chipsets.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions** | 70mm x 70mm x 12.7mm |
| **Thermal Resistance** | 5.18°C/W @ (Unducted Flow) |
| **Fin Type** | Straight Fin |
---
### 2. Physical Design & Composition
* **Material (Aluminum):** Provides a balance between thermal conductivity and weight. The **Blue Anodized** finish is not just for aesthetics; it increases the surface emissivity, slightly improving radiation cooling and protecting against corrosion.
* **Low Profile:** At only 12.7mm in height, this part is ideal for "low-profile" electronics where vertical space is limited (e.g., 1U servers or compact embedded systems).
* **Push-Pin Mechanism:** It utilizes a plastic push-pin with a built-in spring. This ensures constant pressure between the heat sink and the chip, which is vital for maintaining a consistent thermal interface.
---
### 3. Thermal Performance Factors
The efficiency of the ATS-07B-210-C2-R0 is measured by its thermal resistance (expressed in °C/W). The lower the number, the better the heat transfer.
* **Airflow Dependency:** Like most passive heat sinks, its performance improves significantly with airflow (Measured in Linear Feet per Minute - LFM).
* **Thermal Interface Material (TIM):** This specific model typically comes with **pre-applied T766 phase change material** or a similar thermal pad. This fills the microscopic air gaps between the component and the heat sink.
---
### 4. Common Applications
* **Networking Gear:** Switches, routers, and high-speed modems.
* **Industrial PCs:** Compact motherboards where active cooling (fans) might be prone to failure.
* **Power Supplies:** Cooling MOSFETs or power conversion modules.
* **FPGA & ASICs:** Cooling high-gate-count chips that generate localized heat.
---
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there alternative attachment methods if push-pins don't fit my PCB?
- ⤷ What is the recommended airflow (LFM) for optimal cooling with this heat sink?