ATS-07B-29-C2-R0
AI

The part number **ATS-07B-29-C2-R0** refers to a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components like CPUs, GPUs, and ASICs.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions** | 70mm x 70mm x 20mm |
| **Thermal Resistance** | 7.57 °C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ |
| **Flow Direction** | Spread Fin (High performance) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Electronic Application and Design
While the heat sink itself is a mechanical component, its "electronic" relevance lies in its thermal management capabilities:
* **Thermal Dissipation:** It is designed to move heat away from high-power electronic packages. The **maxiFLOW™** fin pattern features a tapered design that increases the surface area for convective cooling while maintaining low pressure drop.
* **pushPIN™ Attachment:** The "-R0" suffix indicates a specific attachment kit. This system uses a brass component and a plastic push-pin to ensure high pressure on the electronic chip, which optimizes the contact between the die and the heat sink.
* **EMI Shielding:** Because it is made of black-anodized aluminum, it provides a degree of secondary Electromagnetic Interference (EMI) shielding for the component it covers.
### 3. Component Breakdown
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Series/Fin geometry designation.
* **B:** Material/Fin type.
* **29:** Height (approximately 20mm in this configuration).
* **C2:** Blue Anodized finish (Note: Standard C2 often refers to a specific color/thermal coating variant).
* **R0:** Packaging and attachment hardware revision.
---
### 4. Comparison of Performance
This table illustrates how the heat sink performs under different airflow conditions (Electronic System Cooling):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 7.57 |
| 400 | 2.0 | 4.02 |
| 600 | 3.0 | 2.85 |
| 800 | 4.0 | 2.24 |
- ⤷
What is the difference between the T766 and T412 thermal interface materials used in these sinks?
- ⤷ How do I calculate if the 7.57 \u00b0C/W resistance is sufficient for my specific processor?
- ⤷ Are there alternative attachment methods if pushPIN is not compatible with my PCB?