ATS-07B-32-C2-R0
AI

The **ATS-07B-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the device:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 54.00mm x 54.00mm x 12.70mm |
| **Attachment Type** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 21.46 °C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | Straight Fin |
| **RoHS Status** | Compliant |
---
### 2. Key Electronic Features
#### A. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, this part uses a mechanical fastening system.
* **Precision Springs:** Provides a consistent "Force-to-Compression" ratio to ensure the heat sink is pressed firmly against the electronic chip.
* **Plastic/Brass Pins:** Secure the unit to pre-drilled holes in the PCB, preventing shifting during vibration or shipping.
#### B. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad. This eliminates the need for manual thermal grease application and ensures a low thermal resistance path between the silicon die and the aluminum fins.
#### C. Fin Design
The **Straight Fin** geometry is optimized for "Cross-Cut" or longitudinal airflow. It is designed to maximize surface area while maintaining a low profile (12.7mm height), making it ideal for high-density server blades or small-form-factor telecommunications equipment.
---
### 3. Application Use-Cases
This component is generally used to cool the following electronic parts:
1. **CPUs / GPUs:** Low-power processors in embedded systems.
2. **FPGAs / ASICs:** High-speed programmable logic devices that generate localized heat.
3. **Power Transistors:** Cooling MOSFET arrays in power supply units.
4. **Network Switches:** Thermal management for high-speed data processing chips.
---
- ⤷
What is the difference between the C1
- ⤷ C2
- ⤷ and C3 material codes for ATS heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Are there alternative mounting options if my PCB does not have pre-drilled holes?