ATS-07B-34-C2-R0
AI

The **ATS-07B-34-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide maximum surface area and airflow for cooling electronic components.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 57.60mm x 76.20mm (Length x Width) |
| **Height** | 22.86mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 6.73°C/W (at 200 LFM) |
| **Fin Style** | Straight |
---
### 2. Design and Components
This part is not an "electronic" component in the sense of a semiconductor (like a transistor), but rather a **mechanical thermal management component**.
#### A. Fin Pattern (maxiFLOW™)
The "maxiFLOW" design features a flared fin structure. This increases the surface area for heat dissipation while maintaining a low pressure drop, making it highly efficient for forced-air cooling (fans).
#### B. pushPIN™ Attachment
Instead of using messy adhesives or thermal tape, this part uses a **pushPIN™** system:
* **Brass/Plastic Pins:** Used to secure the sink to the PCB.
* **Compression Springs:** Ensure consistent pressure is applied to the component, optimizing the thermal interface.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heat sink comes with a pre-applied **Phase Change Material (PCM)** or a high-performance thermal pad. This ensures that the microscopic gaps between the heat sink and the chip are filled to maximize heat transfer.
---
### 3. Application Use Cases
The ATS-07B-34-C2-R0 is typically used to cool high-heat-generating electronic parts such as:
* **ASICs and FPGAs:** Used in networking and data processing.
* **Processors (CPUs):** Embedded systems requiring compact cooling.
* **Power Modules:** High-density power converters that generate significant waste heat.
---
### 4. Part Number Breakdown
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Series number.
* **B:** Material/Fin type.
* **34:** Specific size/footprint code.
* **C2:** Blue Anodized finish.
* **R0:** Thermal Interface Material / Attachment variation.
- ⤷What are the advantages of using pushPIN attachment over thermal adhesive?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there alternative materials to Aluminum for this specific series?